Model 2142 Insulated Miniature Banana Jack FEATURES: * Accepts miniature banana plugs. * Mounts in panels up to .250" thick. MATERIAL: Banana Jack Insulation - Polycarbonate. Color: Black Panel Insulator - Polycarbonate. Color: Black Lockwasher, #8 Internal Tooth - Steel Hex Nut, #8-32 - Brass Banana Jack Body - Brass Finish: Lockwasher #8 - Nickel plated Hex Nut - Nickel plated. Banana Jack Body - Gold plated. RATINGS: Operating Temperature: +115C (+239F) Max. Current: 5 Amperes. ORDERING INFORMATION: Model 2142-* *=Color Code - See Tabulation Block Sold in packages of 10. All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. USA: Sales: 800-490-2361 Europe: 31-(0) 40 2675 150 Rev: 100 D1093937 Fax: 425-446-5844 International: 425-446-5500 Technical Support: technicalsupport@pomonatest.com Where to Buy: www.pomonaelectronics.com Page 1 of 1
|